PART |
Description |
Maker |
STT5NF20V |
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET II POWER MOSFET N-CHANNEL 20V 0.030 OHM 5A SOT23-6L 2.7-DRIVE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFETII POWER MOSFET N沟道20V 0.030欧姆- 5A条采用SOT23 - 6L 2.7 -驱动STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|
HUF75637S3S HUF75637P3 HUF75637S3ST |
44A, 100V, 0.030 Ohm,N-Channel, UltraFET Power MOSFET 44A, 100V, 0.030 Ohm, N-Channel, UltraFETPower MOSFET 44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
RFF60P06 |
25A? 60V, 0.030 Ohm, P-Channel Power MOSFET 25A⒂, 60V, 0.030 Ohm, P-Channel Power MOSFET 25A/ 60V/ 0.030 Ohm/ P-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
1N5468B 1N5466B 1N5475D 1N5475C 1N5462C 1N5463A 1N |
Diode VAR Cap Single 30V 22pF 2-Pin DO-7 Diode VAR Cap Single 30V 18pF 2-Pin DO-7 Diode VAR Cap Single 30V 82pF 2-Pin DO-7 Diode VAR Cap Single 30V 8.2pF 2-Pin DO-7 Diode VAR Cap Single 30V 10pF 2-Pin DO-7 Diode VAR Cap Single 30V 20pF 2-Pin DO-7 Diode VAR Cap Single 30V 100pF 2-Pin DO-7 Diode VAR Cap Single 30V 47pF 2-Pin DO-7 Diode VAR Cap Single 30V 6.8pF 2-Pin DO-7 Diode VAR Cap Single 30V 56pF 2-Pin DO-7
|
New Jersey Semiconductors
|
IRFP150N |
44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
|
Fairchild Semiconductor
|
STS6NF20V |
N-CHANNEL 20V 0.030 OHM 6A SO-8 2.7V-DRIVE STRIPFET II POWER MOSFET
|
SGS Thomson Microelectronics
|
S5DNF20V STS5DNF20V06 STS5DNF20V |
N-channel 20V - 0.030 ohm- 5A SO-8 2.7V - drive STripFET TM II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
HUF76105SK8 HUF76105SK8T |
5.5A, 30V, 0.050 Ohm, N-Chaneel, Logic Level UltraFET Power MOSFET 5.5A/ 30V/ 0.050 Ohm/ N-Channel/ Logic 5.5A, 30V, 0.050 Ohm, N-Channel, Logic 5.5 A, 30 V, 0.072 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STT5NF20V |
N-CHANNEL 20V - 0.030 ohm - 5A SOT23-6L 2.7V-DRIVE STripFET⑩ II POWER MOSFET
|
STMicroelectronics
|
RFG60P06E FN3989 |
From old datasheet system 60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
357B0102MXB251S22 357B2202MAB251S22 357B0502MAB251 |
Model 357 7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type POT 5.0K OHM 20% SINGLE TURN POT 10K OHM 20% SINGLE TURN POT 1.0K OHM 20% SINGLE TURN POT 20K OHM 20% SINGLE TURN
|
Vishay Spectrol
|
RF1K4922396 RF1K49223 |
2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET?/a> Power MOSFET 2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET Power MOSFET 2.5A, -30V, 0.150 Ohm, Dual P-Channel LittleFET PowerMOSFET 2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFET⑩ Power MOSFET 2.5A, 30V, 0.150 Ohm, Dual P-Channel LittleFETPower MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|